Part Number Hot Search : 
NTE7101 SDS001 ZPD24 SIR468DP 5230B 5230B T310C1 TLLR4400
Product Description
Full Text Search
 

To Download BFS483 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFS483
NPN Silicon RF Transistor
4
For low-noise, high-gain broadband amplifier at collector currents from 2 mA to 28 mA f T = 8 GHz F = 1.2 dB at 900 MHz Two (galvanic) internal isolated Transistors in one package
C1 6 E2 5 B2 4
5 6
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Junction temperature Ambient temperature Storage temperature Thermal Resistance
1T is measured on the collector lead at the soldering point to the pcb S 2For calculation of R thJA please refer to Application Note Thermal Resistance
1
Junction - soldering point2)

2 1
3
VPS05604
TR2
TR1
1 B1
2 E1
3 C2
EHA07196
Type BFS483
Maximum Ratings Parameter
Marking RHs
Pin Configuration
Package
1=B 2=E 3=C 4=B 5=E 6=C SOT363
Symbol VCEO VCES VCBO VEBO IC IB Ptot Tj TA Tstg
Value
Unit
Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation TS
12 20 20 2 65 5 450 150 -65 ... 150 -65 ... 150
V
mA mW C
40 C 1)
RthJS
245
K/W
Jun-27-2001
BFS483
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-emitter cutoff current VCE = 20 V, VBE = 0 Collector-base cutoff current VCB = 10 V, IE = 0 Emitter-base cutoff current VEB = 1 V, IC = 0 DC current gain IC = 15 mA, VCE = 8 V hFE 50 100 200 IEBO 1 A ICBO 100 nA ICES 100 A V(BR)CEO 12 V Symbol min. Values typ. max. Unit
2
Jun-27-2001
BFS483
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter AC characteristics (verified by random sampling) Transition frequency IC = 25 mA, VCE = 8 V, f = 500 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Collector-emitter capacitance VCE = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 5 mA, VCE = 8 V, ZS = ZSopt , f = 900 MHz f = 1.8 GHz Power gain, maximum stable 1) IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt , f = 900 MHz Power gain, maximum available 2) IC = 15 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt , f = 1.8 GHz Transducer gain IC = 15 mA, VCE = 8 V, ZS = ZL = 50 , f = 900 MHz f = 1.8 GHz
1G ms 2G ma
Symbol min. fT Ccb Cce Ceb F Gms 6 -
Values typ. 8 0.4 0.13 1 max. 0.6 -
Unit
GHz pF
dB 1.2 2 19 -
Gma
-
12.5
-
|S21e|2 15 9.5 -
= |S21 / S12 | = |S21 / S12 | (k-(k2-1)1/2)
3
Jun-27-2001
BFS483
Total power dissipation Ptot = f (TS )
500
mW
400 350 300 250 200 150 100 50 0 0 120 C
P tot
20
40
60
80
100
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax/P totDC = f (tp)
10 3 10 2
K/W
Ptotmax / PtotDC
-
10 2
10 1
0.5 0.2 0. 1 0.05 0.2 0.1 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Jun-27-2001
BFS483
Collector-base capacitance Ccb = f (VCB )
Transition frequency f T = f (I C)
V CE = Parameter
f = 1MHz
1.0
pF GHZ
8
0.8 6 0.7
Ccb
8V
fT
0.6 0.5 0.4 0.3
5
4
5V 3V 2V
3
2 0.2 0.1 0.0 0 1
1V 0.7V
4
8
12
16
V
22
0 0
10
20
30
40
50
60 mA
75
VCB
IC
Power Gain Gma , Gms = f(IC )
f = 0.9GHz VCE = Parameter
20
dB
Power Gain Gma, Gms = f(I C)
f = 1.8GHz VCE = Parameter
14
dB
16 14
8V 8V 5V
10
G
12 10 8
G
3V 2V
5V
8
3V
6
1V 2V
6
0.7V
4
4 2 2
0.7V 1V
0 0
10
20
30
40
50
60 mA
75
0 0
10
20
30
40
50
60 mA
75
IC
IC
5
Jun-27-2001
BFS483
Power Gain Gma , Gms = f(VCE):_____
|S21|2 = f(VCE):--------f = Parameter
20
dB
Intermodulation Intercept Point IP3=f(IC)
(3rd order, Output, ZS=ZL=50) VCE = Parameter, f = 900MHz
IC=15mA
0.9GHz
30
8V dBm
16 14
0.9GHz
26 24
5V
G
1.8GHz
IP 3
12 10 8
1.8GHz
22 20 18
2V 3V
16 6 4 2 0 0 14 12
1V
10 1 2 3 4 5 6 7 8
V
10
8 0
4
8
12
16
20
24
28
32 mA 38
VCE
IC
Power Gain Gma , Gms = f(f)
VCE = Parameter
32
dB
Power Gain |S21|2= f(f)
V CE = Parameter
30
IC=15mA
dB
IC =15mA
28 26 24
S21
G
22 20 18 16 14 12 10 8 6 4 0.0 0.5 1.0 1.5 2.0 2.5
8V 1V 0.7V GHz
20
15
10
8V
5
1V 0.7V
3.5
0 0.0
0.5
1.0
1.5
2.0
2.5
GHZ
3.5
f
f
6
Jun-27-2001


▲Up To Search▲   

 
Price & Availability of BFS483

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X